PART |
Description |
Maker |
EMC6D103S |
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
|
http://
|
EMC6D102 EMC6D102-CZC EMC6D102-CZC-TR EMC6D10206 |
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
|
http://
|
EMC6D102-CZC-TR |
Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features BRUSH DC MOTOR CONTROLLER, PDSO24
|
SMSC, Corp.
|
SC2128C-D80D SC2128C-D80S SC2128C-D82S SC2128C-D83 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
PIC16F610 PIC16F616 PIC12F609 PIC16HV616 PIC12F615 |
8-bit PIC㈢ Microcontrollers with High Voltage Support and Fan Control Capabilities
|
MICROCHIP[Microchip Technology]
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
NA-821 |
Smart fan and intrusion control
|
Axiomtek Co., Ltd.
|
RBA5104 RBA5104G-D16-T RBA5104L-D16-T RBA5104-15 |
FAN REMOTE CONTROL ENCODER
|
Unisonic Technologies
|
2800-SCS-8 |
Fan Control Annunciator Module
|
List of Unclassifed Manufacturers ETC
|
SC2128C-L23S SC2128C-L20D SC2128C-L30D SC2128C-L23 |
REMOTE FAN CONTROL IC 遥控风扇控制IC
|
杭州士景电子有限公司 Hangzhou Silan Microelectronics Co., Ltd. ???澹???靛???????
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|